Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download USV1H101MFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
SV
7mmL, Long Life Assurance
series
Extended load life of 5000 hours at +105C, with 7mm height. Adapted to the RoHS directive (2002/95/EC).
ST
Long Life
SV
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +105C 6.3 ~ 50V 0.1 ~ 220F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.24
10 0.21 6.3 4 8
16 0.18 10 3 6
25 0.15 16 2 4 25 2 3
35 0.13 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio Z- 40C / Z+20C ZT / Z20 (MAX.)
Endurance
After 5000 hours' application of rated voltage at 105C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with silver color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.)
Bd
Type numbering system (Example: 10V 33F) 1 2 3 4 5 6 7 8 9 10 11
USV 1A 3 3 0 MFD
L+1MAX.
15MIN
4MIN
BD
4 5 6.3 8 P 1.5 2.0 2.5 3.5 Bd 0.45 0.45 0.45 0.5
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 4~8 FD
Configuration Capacitance tolerance (20%) Rated Capacitance (33F) Rated voltage (10V) Series name Type
Dimensions
V
Cap.(F)
Code
6.3 0J
10 1A
P0.5
16 1C
25 1E
35 1V
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221
4x7 5x7 5x7 6.3 x 7 8x7
34 42 50 77 130
5x7 5x7 6.3 x 7 8x7
38 47 59 96
4x7 5x7 6.3 x 7 6.3 x 7 8x7
29 44 57 68 107
5x7 6.3 x 7 6.3 x 7 8x7
33 51 63 78
4x7 5x7 6.3 x 7 8x7
24 36 57 72
50 1H 4x7 4x7 4x7 4x7 4x7 4x7 4x7 5x7 6.3 x 7 8x7
1.0 2.3 3.5 5.0 10 19 24 29 44 65
Case size D x L (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of USV1H101MFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X